Part Number Hot Search : 
BFS17 75F256I N5H03 SM8707E BT2907 8750A 1118S TE200A
Product Description
Full Text Search
 

To Download UR233 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd UR233 linear integrated circuit www.unisonic.com.tw 1 of 10 copyright ? 2013 unisonic technologies co., ltd qw-r102-011. g low drop fixed and adjustable positive voltage regulators ? description the utc UR233 is a low drop voltage regulator able to provide up to 0.8a of output cu rrent, available even in adjustable version (v ref =1.25v).high efficiency is assured by npn pass transistor. in fact in the case , unlike than pnp one, the quiescent current flows mostly into the load. only a very common 10 ? f minimum capacitor is needed for stability. on chip trimming allows the regulator to reach a very tight output voltage tolerance, within ? 1% at 25 . the adjustable UR233 is pin to pin compatible with the other standar d adjustable voltage regulators maintaining the better performances in terms of drop and tolerance. ? features *low dropout voltage (1.5v typ.) *output current up to 0.8a *fixed output voltage of: 1.7v,1.8 v,2.5v, 2,85v, 3.0v, 3.3v, 5.0v *adjustable version availability (v ref =1.25v) *internal current and thermal limit *available in ? 1%(at 25 ) and 2% in all temperature range *supply voltage rejection: 75db (typ) ? ordering information ordering number package pin assignment packing lead free halogen free UR233l-xx-aa3- - UR233g-xx-aa3- - sot-223 a: goi b: ogi c: gio d: igo r: tape reel t: tube UR233l-xx-ab3- - UR233g-xx-ab3- - sot-89 UR233l-xx-ta3- - UR233g-xx-ta3- - to-220 UR233l-xx-tn3- - UR233g-xx-tn3- - to-252 UR233l-xx-tq2- - UR233g-xx-tq2- - to-263 UR233l-xx-tq3- - UR233g-xx-tq3- - to-263-3 UR233l-xx-s08- - UR233g-xx-s08- - sop-8 gooixoox note: pin assignment: i: v in o: v out g: gnd
UR233 linear integrated circuit unisonic technologies co., ltd 2 of 10 www.unisonic.com.tw qw-r102-011. g ? marking information package voltage code marking sot-223 17:1.7v 18:1.8v 25:2.5v 2j:2.85v 30:3.0v 33:3.3v 50:5.0v ad:adj sot-89 123 xx UR233 x date code voltage code l: lead free g: halogen free pin code xx to-220 to-252 to-263 to-263-3 sop-8
UR233 linear integrated circuit unisonic technologies co., ltd 3 of 10 www.unisonic.com.tw qw-r102-011. g ? block diagram
UR233 linear integrated circuit unisonic technologies co., ltd 4 of 10 www.unisonic.com.tw qw-r102-011. g ? absolute maximum ratings parameter symbol value unit dc input voltage v in 12 v power dissipation sot-223 p d 0.740 w sot-89 0.571 sop-8 0.625 to-252 1.471 to-220 1.820 to-263 2.222 operating junction temperature t opr -40 ~ +85 storage temperature t stg -65 ~ +150 note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? thermal data parameter symbol rating unit junction-to-ambient sot-223 ja 135 c/w sot-89 175 sop-8 160 to-252 68 to-220 55 to-263 45 junction-to-case sot-223 jc 19 c/w sot-89 48 sop-8 45 to-252 7.5 to-220 15 to-263 7.8 ? electrical characteristics (t j =0 ~ 125 , unless otherwise specified) for UR233-1.7 parameter symbol test conditions min. typ. max. unit output voltage v out v in =3.7v, i out =10ma, t j =25 1% 1.683 1.700 1.717 v output voltage v out v in =3.1 ~ 10v, i out =2 ~ 800ma 2% 1.666 1.734 v line regulation ? v out v in =3.1 ~ 10v, i out =2ma 1 6 mv load regulation ? v out v in =3.1v, i out =2 ~ 800ma 1 10 mv temperature stability ? v out 0.5 % long term stability ? v out 1000 hrs, t j =125 0.3 % operating input voltage v in i out =100ma 12 v quiescent current i q v in =10v 5 10 ma output current i out v in =6.7v, t j =25 800 950 1200 ma output noise voltage e n b=10hz ~ 10khz, t j =25 100 ? v supply voltage rejection svr i out =40ma, f=120hz, t j =25 , v in =4.7v, v ripple =1v pp 60 75 db dropout voltage v d 1.50 v thermal regulation t a =25 , 30ms pulse 0.01 0.10 %/w
UR233 linear integrated circuit unisonic technologies co., ltd 5 of 10 www.unisonic.com.tw qw-r102-011. g ? electrical characteristics(cont.) for UR233-1.8 parameter symbol test conditions min. typ. max. unit output voltage v out v in =3.8v, i out =10ma, t j =25 1% 1.782 1.800 1.818 v output voltage v out v in =3.2 ~ 10v, i out =2 ~ 800ma 2% 1.764 1.836 v line regulation ? v out v in =3.2 ~ 10v, i out =2ma 1 6 mv load regulation ? v out v in =3.2v, i out =2 ~ 800ma 1 10 mv temperature stability ? v out 0.5 % long term stability ? v out 1000 hrs, t j =125 0.3 % operating input voltage v in io=100ma 12 v quiescent current i q v in =10v 5 10 ma output current i out v in =6.8v, t j =25 800 950 1200 ma output noise voltage e n b=10hz ~ 10khz, t j =25 100 ? v supply voltage rejection svr i out =40ma, f=120hz, t j =25 , v in =4.8v, v ripple =1v pp 60 75 db dropout voltage v d 1.50 v thermal regulation t a =25 , 30ms pulse 0.01 0.10 %/w for UR233-2.5 parameter symbol test conditions min. typ. max. unit output voltage v out v in =4.5v, i out =10ma, t j =25 1% 2.475 2.500 2.525 v output voltage v out v in =3.9 ~ 10v, i out =2 ~ 800ma 2% 2.450 2.550 v line regulation ? v out v in =3.9 ~ 10v, i out =2ma 1 6 mv load regulation ? v out v in =3.9v, i out =2 ~ 800ma 1 10 mv temperature stability ? v out 0.5 % long term stability ? v out 1000 hrs, t j =125 0.3 % operating input voltage v in i out =100ma 12 v quiescent current i q v in =10v 5 10 ma output current i out v in =7.5v, t j =25 800 950 1200 ma output noise voltage e n b=10hz ~ 10khz, t j =25 100 ? v supply voltage rejection svr i out =40ma, f=120hz, t j =25 , v in =5.5v, v ripple =1v pp 60 75 db dropout voltage v d 1.50 v thermal regulation t a =25 , 30ms pulse 0.01 0.10 %/w
UR233 linear integrated circuit unisonic technologies co., ltd 6 of 10 www.unisonic.com.tw qw-r102-011. g ? electrical characteristics(cont.) for UR233-2.85 parameter symbol test conditions min. typ. max. unit output voltage v out v in =4.85v, i out =10ma, t j =25 1% 2.822 2.85 2.878 v output voltage v out v in =4.25 ~ 10v, i out =2 ~ 800ma 2% 2.793 2.907 v line regulation ? v out v in =4.25 ~ 10v, i out =2ma 1 6 mv load regulation ? v out v in =4.25v, i out =2 ~ 800ma 1 10 mv temperature stability ? v out 0.5 % long term stability ? v out 1000 hrs, t j =125 0.3 % operating input voltage v in i out =100ma 12 v quiescent current i q v in =10v 5 10 ma output current i out v in =7.85v, t j =25 800 950 1200 ma output noise voltage e n b=10hz ~ 10khz, t j =25 100 ? v supply voltage rejection svr i out =40ma, f=120hz, t j =25 , v in =5.85v, v ripple =1v pp 60 75 db dropout voltage v d 1.50 v thermal regulation t a =25 , 30ms pulse 0.01 0.10 %/w for UR233-3.0 parameter symbol test conditions min. typ. max. unit output voltage v out v in =5v, i out =10ma, t j =25 1% 2.97 3.00 3.03 v output voltage v out v in =4.5 ~ 12v, i out =2 ~ 800 ma 2% 2.94 3.06 v line regulation ? v out v in =4.5 ~ 12v, i out =2ma 1 6 mv load regulation ? v out v in =4.5v, i out =2 ~ 800ma 1 10 mv temperature stability ? v out 0.5 % long term stability ? v out 1000 hrs, t j =125 0.3 % operating input voltage v in i out =100ma 12 v quiescent current i q v in =12v 5 10 ma output current i out v in =8v, t j =25 800 950 1200 ma output noise voltage e n b=10hz ~ 10khz, t j =25 100 ? v supply voltage rejection svr i out =40ma, f=120hz, t j =25 , v in =6v, v ripple =1v pp 60 75 db dropout voltage v d 1.50 v thermal regulation t a =25 , 30ms pulse 0.01 0.10 %/w
UR233 linear integrated circuit unisonic technologies co., ltd 7 of 10 www.unisonic.com.tw qw-r102-011. g ? electrical characteristics(cont.) for UR233-3.3 parameter symbol test conditions min. typ. max. unit output voltage v out v in =5.3v, i out =10ma, t j =25 1% 3.267 3.300 3.333 v output voltage v out v in =4.8 ~ 12v, i out =2 ~ 800ma 2% 3.234 3.366 v line regulation ? v out v in =4.8 ~ 12v, i out =2ma 1 6 mv load regulation ? v out v in =4.8v, i out =2 ~ 800ma 1 10 mv temperature stability ? v out 0.5 % long term stability ? v out 1000 hrs, t j =125 0.3 % operating input voltage v in i out =100ma 12 v quiescent current i q v in =12v 5 10 ma output current i out v in =8.3v, t j =25 800 950 1200 ma output noise voltage e n b=10hz ~ 10khz, t j =25 100 ? v supply voltage rejection svr i out =40ma, f=120hz, t j =25 , v in =6.3v, v ripple =1v pp 60 75 db dropout voltage v d 1.50 v thermal regulation t a =25 , 30ms pulse 0.01 0.10 %/w for UR233-5.0 parameter symbol test conditions min. typ. max. unit output voltage v out v in =7v, i out =10ma, t j =25 1% 4.95 5.00 5.05 v output voltage v out v in =6.5 ~ 12v, i out =2 ~ 800ma 2% 4.90 5.10 v line regulation ? v out v in =6.5 ~ 12v, i out =2ma 1 10 mv load regulation ? v out v in =6.5v, i out =2 ~ 800ma 1 15 mv temperature stability ? v out 0.5 % long term stability ? v out 1000 hrs, t j =125 0.3 % operating input voltage v in i out =100ma 12 v quiescent current i q v in =12v 5 10 ma output current i out v in =10v, t j =25 800 950 1200 ma output noise voltage e n b=10hz ~ 10khz, t j =25 100 ? v supply voltage rejection svr i out =40ma, f=120hz, t j =25 , v in =8v, v ripple =1v pp 60 75 db dropout voltage v d 1.50 v thermal regulation t a =25 , 30ms pulse 0.01 0.10 %/w
UR233 linear integrated circuit unisonic technologies co., ltd 8 of 10 www.unisonic.com.tw qw-r102-011. g ? electrical characteristics(cont.) UR233-adj parameter symbol test conditions min. typ. max. unit reference voltage v ref v in - v out =2v, i out =10ma, t j =25 1% 1.238 1.25 1.262 v reference voltage v ref v in = v out +1.5v ~ 10v, i out =10 ~ 800ma 2% 1.225 1.275 v line regulation ? v out v in = v out +1.5v ~ 10v, i out =10ma 0.035 0.200 % load regulation ? v out v in - v out =3v, i out =10 ~ 800ma 0.10 0.400 % temperature stability ? v out 0.50 % long term stability ? v out 1000 hrs, t j =125 0.3 % operating input voltage v in 12 v adjustment pin current i adj v in ? 12v 60 120 a adjustment pin current change ? i adj v in = v out +1.5v ~ 10v, i out =10 ~ 800ma 1 5 a minimum load current i out ( min ) v in =12v 2 5 ma output current i out v in -v out =5v, t j =25 800 950 1200 ma output noise (%vo) e n b=10hz ~ 10khz, t j =25 0.003 % supply voltage rejection svr i out =40ma, f=120hz, t j =25 , v in - v out =3v, v ripple =1v pp 60 75 db dropout voltage v d 1.50 v thermal regulation t a =25 , 30ms pulse 0.01 0.10 %/w
UR233 linear integrated circuit unisonic technologies co., ltd 9 of 10 www.unisonic.com.tw qw-r102-011. g ? application circuits fixed voltage adjustable
UR233 linear integrated circuit unisonic technologies co., ltd 10 of 10 www.unisonic.com.tw qw-r102-011. g ? typical characteristics reference voltage (v) output voltage(v) utc assumes no respon sibility for equipment failures that result fr om using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior writ ten consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of UR233

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X